Part Number Hot Search : 
00B0L MSD61A4 58010 LT0412 0213630 C28C200 A1770 CM2135
Product Description
Full Text Search
 

To Download TIC225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tic22 5 se ries silicon triacs 1 july 1975 - revised september 2002 spe cification s ar e subjec t t o ch ang e withou t notice. sensiti ve gate tri acs 8 a rms, 70 a p eak glas s p ass iv ate d wa fer 400 v t o 800 v off-s tate voltage max i gt of 5 ma (quadrant 1) abs olu te maximu m rati ng s over op erati ng case temperat ure (unless otherwise no ted) notes: 1. these values apply bidirectiona ll y for any value o f resistance bet ween the ga te an d main terminal 1. 2. thi s value ap plie s for 50-hz full-sine-wave operation with resistive load . abo ve 70 c derate linearly to 110 c case t emperature at the rate o f 200 ma / c. 3. this valu e ap plie s for one 5 0-h z full-sine-wa ve whe n the d evice i s op erat ing at (or b el ow) t he rat ed value of on- state curr en t. surge ma y be repeat ed aft er the devi ce has ret ur ned to origi nal thermal equili bri um. d uri ng th e s urge , gate contro l ma y be lost. 4. thi s valu e applies fo r a m axi mum aver agi ng tim e o f 2 0 ms. rating symbol value un it repetiti ve pea k o ff -stat e vo ltage (see not e 1) TIC225d TIC225m ti c225s TIC225n v drm 400 600 700 800 v full-cycl e rms on-stat e curren t a t (or below) 70 c cas e temperature (see not e 2) i t(rms) 8 a peak on-stat e surg e current fu ll -sine-w ave a t (or be lo w) 25 c cas e temperatur e (se e not e 3) i tsm 70 a peak gate current i gm 1 a peak gate po wer dissi pa tion a t (or be lo w) 85 c case temperatur e (puls e width 200 s) p gm 2.2 w averag e gat e po wer dissipat ion at (or below) 85c case tem pera ture (s ee n ote 4) p g(av) 0.9 w operatin g cas e tem pe rature range t c -40 t o +110 c storage temperatur e range t stg -40 t o +125 c lea d te mp erature 1.6 m m fr om case for 10 secon ds t l 230 c electrica l characteristics at 25c case tem peratu re (unless ot herwis e noted ) p ara meter tes t cond iti ons min ty p max un it i drm r ep etitiv e pe ak o ff -state current v d = rated v drm i g = 0 t c = 110c 2 ma i gt gat e trigger current v su pp ly = +1 2 v? v su pp ly = +1 2 v? v su pp ly = -1 2 v? v su pp ly = -1 2 v? r l = 10 r l = 10 r l = 10 r l = 10 t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s 2.3 -3.8 -3 6 5 -20 -10 30 ma ? all voltages ar e with resp ect to m ain termina l 1. mt1 mt2 g to-2 20 packa ge (t op vi ew) pi n 2 is in electrical contac t wi th t he m ou nti ng bas e. m dc 2aca 1 2 3 this series is currently available, but not recommended for new designs.
TIC225 series silicon triacs 2  
  july 1975 - revised september 2002 specifications are subject to change without notice. ? all voltages are with respect to main terminal 1. notes: 5. this parameter must be measured using pulse techniques, t p = 1 ms, duty cycle 2 %. voltage-sensing contacts separate from the current carrying contacts are located within 3.2 mm from the device body. 6. the triacs are triggered by a 15-v (open-circuit amplitude) pulse supplied by a generator with the following characteristics: r g = 100 ? , t p(g) = 20 s, t r = 15 ns, f = 1 khz v gt gate trigger voltage v supply = +12 v? v supply = +12 v? v supply = -12 v? v supply = -12 v? r l = 10 ? r l = 10 ? r l = 10 ? r l = 10 ? t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s 0.7 -0.7 -0.7 0.8 2 -2 -2 2 v v t on-state voltage i t = 12 a i g = 50 ma (see note 5) 1.5 2.1 v i h holding current v supply = +12 v? v supply = -12 v? i g = 0 i g = 0 init? i t = 100 ma init? i t = -100 ma 2.3 -1.6 20 -20 ma i l latching current v supply = +12 v? v supply = -12 v? (see note 6) 30 -30 ma dv/dt critical rate of rise of off-state voltage v drm = rated v drm i g = 0 t c = 110c 20 v/s dv/dt (c) critical rise of commutation voltage v drm = rated v drm i trm = 12 a t c = 70c (see figure 6) 1 4.5 v/s thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 2.5 c/w r ja junction to free air thermal resist ance 62.5 c/w electrical characteristics at 25c case temperature (unless otherwise noted) (continued) parameter test conditions min typ max unit
TIC225 series silicon triacs 3  
  july 1975 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 1. figure 2. figure 3. figure 4. gate trigger current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i gt - gate trigger current - ma 01 1 10 100 1000 tc07aa case temperature vs v supply i gtm + + + - - - - + v aa = 12 v r l = 10 ? t p(g) = 20 s gate trigger voltage t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 v gt - gate trigger voltage - v 01 1 10 tc07ab case temperature vs v aa = 12 v r l = 10 ? t p(g) = 20 s - - + + - + + - } v supply i gtm holding current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i h - holding current - ma 01 1 10 100 tc07ad case temperature vs v supply + - v aa = 12 v i g = 0 initiating i tm = 100 ma latching current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i l - latching current - ma 0.1 1 10 100 1000 tc07ae case temperature vs v aa = 12 v + + + - - - - + v supply i gtm
TIC225 series silicon triacs 4  
  july 1975 - revised september 2002 specifications are subject to change without notice. thermal information figure 5. parameter measurement information figure 6. maximum rms on-state current t c - case temperature - c 0 25 50 75 100 125 150 i t(rms) - maximum on-state current - a 0 1 2 3 4 5 6 7 8 9 10 ti07ab case temperature vs v ac v mt2 i mt2 dut see note a r g c1 r1 i g v ac i mt2 v mt2 i g i trm dv/dt 10% 63% l1 v drm 50 hz pmc2aa note a: the gate-current pulse is furnished by a trigger circuit which presents essentially an open circuit between pu lses. the pulse is timed so that the off-state-voltage duration is approximately 800 s.


▲Up To Search▲   

 
Price & Availability of TIC225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X